PART |
Description |
Maker |
STM8AF6268 STM8AF612X |
Automotive 8-bit MCU
|
ST Microelectronics
|
ST72124JX-AUTO ST72334J4TA_XXX ST72334J4TB_XXX ST7 |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
STM8AF51XX STM8H61XX STM8AF6X86TAY STM8AP6X86TAY S |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 V to 5.5 V
|
STMicroelectronics
|
SPC564L70L3BCOSR SPC564L70L5BBOSR SPC56EL70L5CBOSR |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
SPC560B40L3B4E0X SPC560B50L1B4E0X SPC560B50L1B4E0Y |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
STM8AF519A STM8AF51A8 STM8AF51A9 STM8AF5269 STM8AF |
Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
|
STMicroelectronics
|
SPC564B64L8C9E0X SPC564B64L8C9E0Y SPC564B70L7C9E0X |
32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
ST Microelectronics
|
UAA1044 |
8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
|
|
STM8AF6213 STM8AF6226 STM8AF6223A |
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
|
STMicroelectronics
|
SPC560P60L3 |
32-bit Power Architecture? based MCU with 1088 KB Flash memory and 80 KB RAM for automotive chassis and safety applications
|
STMicroelectronics
|